PART |
Description |
Maker |
HFA1115 HFA1115EVAL HFA1115IB HFA1115IP FN3606 |
Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier From old datasheet system 225MHz/ Low Power/ Output Limiting/ Closed Loop Buffer Amplifier 225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier(225MHz、低功耗、输出限定锁相环缓冲器放大器) Mini-Stripax Plus Replacement Blade; Conductor Size AWG:24-22; Features:Includes top & bottom blades, spring & wire stop; Specially formed stripping blades ensure no damage to the conductor; Easy to install RoHS Compliant: Yes
|
INTERSIL[Intersil Corporation]
|
EL2072 EL2072CS EL2072CN |
730MHZ CLOSED LOOP BUFFER
|
Intersil Corporation
|
BUF04AZ/883 |
Closed-Loop High Speed Buffer
|
Analog Devices, Inc.
|
HFA1212_04 HFA1212 HFA1212IB HFA121204 |
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
|
INTERSIL[Intersil Corporation]
|
HFA1115MJ_ HFA1115_883 HFA1115883 HFA1115MJ_883 |
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
|
INTERSIL[Intersil Corporation]
|
HFA1115 |
Buffer, Closed Loop, Programmable Gain ( /-1, 2), 225MHz, Video, Low Power, Output Limiting
|
Intersil
|
28C010TRPGP-150 28C010TRPGI-150 28C010TRPGI-200 28 |
Voltage-Output, 12-Bit Multiplying DACs Evaluation Kit for the MAX5022 150mA USB LDO Regulators with ±15kV TVS and µP Reset Evaluation Kit for the MAX5003 375MHz Quad Closed Loop Video Buffers, AV = 1 and 2 CMOS, Quad, Serial Interface 8-Bit DAC x8的EEPROM Quad-Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers x8的EEPROM 150mA USB LDO Regulators with ±15kV TVS and µP Reset x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
TE Connectivity, Ltd. Fuji Electric Holdings Co., Ltd. KOA Speer Electronics,Inc. Belden, Inc. Coilcraft, Inc. Linear Technology, Corp.
|
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
MC33039 MC33039D MC33039P MC33039_D ON0965 |
From old datasheet system CLOSED LOOP BRUSHLESS MOTOR ADAPTER
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MC33272A06 MC33274ADR2 MC33274ADR2G MC33272ADG MC3 |
Closed Loop Brushless Motor Adapter Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
|
ONSEMI[ON Semiconductor]
|
BAT54CT-7 BAT54T-7 BAT54AT BAT54ST BAT54ST-7 |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers
|
Diodes Incorporated Diodes Inc.
|
CSNCXXX |
Solid State Sensors Closed Loop Current Sensors
|
Honeywell
|
|